PART |
Description |
Maker |
GSIFTB0755A GSIFTB0193A GSIFTB433E2 GSIFTB0460A GS |
1 FUNCTIONS, 167.5 MHz, SAW FILTER 1 FUNCTIONS, 70 MHz, SAW FILTER 1 FUNCTIONS, 433.92 MHz, SAW FILTER 1 FUNCTIONS, 300 MHz, SAW FILTER 1 FUNCTIONS, 159 MHz, SAW FILTER 1 FUNCTIONS, 81 MHz, SAW FILTER 1 FUNCTIONS, 260 MHz, SAW FILTER 1 FUNCTIONS, 40 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
B39242B9410K610 B9410 |
SAW filter 2441.75 MHz SAW滤波441.75兆赫
|
EPCOS AG EPCOS[EPCOS]
|
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
BLM21B601SPT BLM21B601SPT1 BLM11B601SPT BLM10B421S |
EMI FILTER FERRITE BEAD 600 OHM@100MHZ 200MA SMD 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP EIA STD PACKAGE SIZE 0805 FERRITE BEAD, 0603, 600 MHZ, 200MA 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
XF-107A XF-9NB XF-9B11 XF-9B10 XF-9B01 |
10.7 MHz Standard Series Discrete Crystal Filter(10.7 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 10.7 MHz, 6 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 9 MHz, 0.125 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 8.9985 MHz, 0.6 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz标准的离散晶体滤波器) 1 FUNCTIONS, 9 MHz, 0.6 kHz BW(delta f), DISCRETE CRYSTAL FILTER 9 MHz Standard Series Discrete Crystal Filter(9 MHz???????f?浣?护娉㈠?)
|
Vectron International, Inc.
|
BLM21P221SGPT BLM21P221SGPB BLM41P600SPT BLM11P300 |
FERRITE, CHIP TYPE, 0.35 OHM RESISTANCE, 220 OHM IMPEDANCE @ 100MHZ, SMT 0805 1 FUNCTIONS, 2 A, FERRITE CHIP FLT, S/M, 0805, 2000MA, FERRITE BD 1 FUNCTIONS, 2 A, FERRITE CHIP COIL, BEAD FERRITE 060 OHMS @ 100MHZ SM, 1806 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 1 A, FERRITE CHIP 1 FUNCTIONS, 3 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
TFS72A |
1 FUNCTIONS, 72.54 MHz, SAW FILTER
|
VECTRON INTERNATIONAL
|
SAWEP836MFH2F00R00 SAWEP836MFH2F00R05 SAWEP836MFH2 |
1 FUNCTIONS, 836.5 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
SAFES405MFL0F00R00 |
1 FUNCTIONS, 405 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
SAWEN1G84CY0F00 |
1 FUNCTIONS, 1842.5 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
B39491-B4826-Z610 |
1 FUNCTIONS, 487 MHz, SAW FILTER
|
EPCOS AG
|
|